Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors S32K310 Datasheet HTML 51Page - NXP Semiconductors S32K310 Datasheet HTML 52Page - NXP Semiconductors S32K310 Datasheet HTML 53Page - NXP Semiconductors S32K310 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 137 page
background image
Table 15. STANDBY mode supply currents (continued)
85, max 4
496
497
1.422
105, typ 3
350
346
1.197
105, max 4
994
997
1.924
125, typ 3
620
611
1.457
125, max 4
1788
1792
2.761
S32K311, S32K310
25, typ 3
46
48
0.91
NA
25, max 4
TBD
TBD
TBD
85, typ 3
TBD
TBD
TBD
85, max 4
TBD
TBD
TBD
105, typ 3
TBD
TBD
TBD
105, max 4
TBD
TBD
TBD
125, typ 3
TBD
TBD
TBD
125, max 4
TBD
TBD
TBD
1. See the configurations in Table 19.
2. IO load current is not included. The actual current requirements for IOs will depend on the I/O configuration in the application.
3. “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A = 5.0V, VDD_HV_B = 5.0V, for the typical
silicon process..
4. “max” is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V), VDD_HV_A = 5.5V, VDD_HV_B = 5.5V, for
the fast silicon process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com