Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 137 page
background image
9.3 Flash memory module life specifications
Table 28. Flash memory module life specifications
Symbol
Characteristic
Conditions
Min
Typical
Units
Array P/E
cycles
Number of program/erase cycles per block
for 256 KB and 512 KB blocks using
Sector Erase.
—
100,000
—
P/E
cycles
Number of program/erase cycles per block for
1 MB and 2 MB blocks using Sector Erase.
—
1,000
—
P/E
cycles
Number of program/erase cycles per block
using Block Erase1
—
25
—
P/E
cycles
Data
retention
Minimum data retention.
Blocks with 0 - 1,000
P/E cycles.
20
—
Years
Blocks with 100,000
P/E cycles.
10
—
Years
1. Program and erase supported for factory conditions. Nominal supply values and operation at 25°C.
9.3.1 Data retention vs program/erase cycles
Graphically, Data Retention versus Program/Erase Cycles can be represented by the following figure.
The spec window represents qualified limits.
0
P/E Cycles (Sector Erases)
5
1
10
15
20
25
10
100
1000
10000
100000
1000000
Figure 30. Data retention vs program/erase cycles
NXP Semiconductors
Flash memory specification
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
81 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com