Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 137 page
background image
Table 42. LPSPI0 20 MHz and 15 MHz Combinations (continued)
PORT
S32K344 PAD TYPE
SPI Signal
20Mbps (In loopback
mode only)
15 Mbps
PTD12
GPIO-FAST
LPSPI0_SOUT
LPSPI0_SOUT
PTD11
GPIO-FAST
LPSPI0_SCK
LPSPI0_SCK
PTD10
GPIO-FAST
LPSPI0_SIN
LPSPI0_SIN
Trace length should not exceed 11 inches for SCK pad when used in Master loopback mode.
NOTE
12.2 I2C
See I/O parameters for I2C specification.
"For supported baud rate see section 'Chip-specific LPI2C information' of the Reference Manual."
12.3 FlexCAN characteristics
See I/O parameters for FlexCAN specification.
"For supported baud rate, see section 'Protocol timing' of the Reference Manual."
12.4 SAI electrical specifications
12.4.1 SAI Electrical Characteristics, Slave Mode
The following table describes the SAI electrical characteristics. Measurements are with maximum output load of 30pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97 V to 3.63 V.
Table 43. SAI Electrical Characteristics, Slave Mode
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S13
SAI_BCLK cycle
time (input)
80
—
—
ns
—
—
S14
SAI_BCLK pulse
width high/low
(input) 1
45
—
55
%
—
—
S15
SAI_RXD input
setup before
SAI_BCLK
8
—
—
ns
—
—
S16
SAI_RXD input hold
after SAI_BCLK
2
—
—
ns
—
—
S17
SAI_BCLK to
SAI_TXD output
valid
—
—
28
ns
—
—
S18
SAI_BCLK to
SAI_TXD output
invalid
0
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
100 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com