Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 137 page
background image
Table 43. SAI Electrical Characteristics, Slave Mode (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S19
SAI_FS input setup
before SAI_BCLK
8
—
—
ns
—
—
S20
SAI_FS input hold
after SAI_BCLK
2
—
—
ns
—
—
S21
SAI_BCLK to
SAI_FS output valid
—
—
28
ns
—
—
S22
SAI_BCLK to
SAI_FS output
invalid
0
—
—
ns
—
—
1. The slave mode parameters (S15 - S22) assume 50% duty cycle on SAI_BCLK input. Any change in SAI_BCLK duty cycle
input must be taken care during the board design or by the master timing.
Figure 42. SAI slave mode
12.4.2 SAI Electrical Characteristics, Master Mode
The following table describes the SAI electrical characteristics. Measurements are with maximum output load of 30pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b 0. I/O operating voltage ranges from 2.97 V to 3.63 V.
Table 44. SAI Electrical Characteristics, Master Mode
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S1
SAI_MCLK cycle
time
40
—
—
ns
—
—
S2
SAI_MCLK pulse
width high/low
45
—
55
%
—
—
S3
SAI_BCLK cycle
time
80
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
101 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com