Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 137 page
background image
0
3.0
4.0
Vin level (V)
Junction Temp (°C)
VDD_HV_A (V)
HYSTCTR setting
0.5
2.5
4.5
5.0
1.0
3.5
5
25
1.5
2.0
00
01
10
11
20
40
60
Hysteresis
(mV)
0
Figure 35. Typical Hysteresis vs Vin level (VDD_HV_A = 5 V, Low Speed Mode).png
10.4 Temperature Sensor
The table below gives the specification for the on die temperature sensor.
Table 35. Temperature Sensor
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TS_TJ
Junction
temperature
monitoring range
-40
—
150
°C
—
—
TS_IV25
ON state current
consumption on V25
—
400
—
µA
ETS_EN=1
—
TS_ACC1
Temperature output
error at circuit output
(Voltage) 1, 2, 3
-5
0
+5
°C
100 °C < Tj <= 150 °C
—
TS_ACC2
Temperature output
error at circuit output
(Voltage) 1, 2, 3
-10
0
+10
°C
-40 °C <= Tj <=100 °C —
TS_TSTART
Circuit start up time
—
4
30
µs
—
—
TS_TADCSA
Required ADC
sampling time 1
1.2
—
—
µs
—
—
1. Required ADC sampling time specified by parameter TS_TADCSA needs to be used at the ADC conversion to guarantee
the specified accuracy. A smaller sampling time leads to a less accurate result.
2. Note: The temperature sensor measures the junction temperature Tj at the location where it is placed on die. The local Tj
is modulated by current and previous active state of the circuit elements on die.
3. The error caused by ADC conversion and provided temperature calculation formula is not included.
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
90 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com