Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 137 page
background image
2. For LPSPI0 instance, max. peripheral frequency is equal to AIPS_PLAT_CLK.
3. fperiph = LPSPI peripheral clock
4. Master Loopback mode: In this mode LPSPI_SCK clock is delayed for sampling the input data which is enabled by setting
LPSPI_CFGR1[SAMPLE] bit as 1.
5. These specifications apply to the SPI operation, as master or slave, at up to 10 Mbps for the combinations not indicated
in the table below. Unless otherwise noted, all other ‘master’ and ‘slave’ specifications are also applicable in the 10Mbps
configurations. See table "LPSPI 20 MHz and 15 MHz Combinations.
6. LPSPI0 support up to 20MHz on fast pin.
7. Minimum configuration value for CR[PCSSCK] field is 3(0x00000011).
8. Minimum configuration value for CCR[SCKPCS] field is 3(0x00000011).
9. While selecting odd dividers, ensure Duty Cycle is meeting this parameter.
fperiph = LPSPI peripheral clock
MSB OUT2
LSB OUT
BIT 6 ... 1
MSB IN2
SS1
(OUTPUT)
SPSCK
(CPOL = 0)
(OUTPUT)
SPSCK
(CPOL = 1)
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
LSB IN
BIT 6 ... 1
3
5
5
7
10
11
6
12
13
12
13
4
2
Figure 38. LPSPI Master Mode Timing (CPHA=0)
PORT DATA
PORT DATA
MASTER MSB OUT
MASTER LSB OUT
BIT 6 ... 1
MSB IN2
SS1
(OUTPUT)
SPSCK
(CPOL = 0)
(OUTPUT)
SPSCK
(CPOL = 1)
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
LSB IN
BIT 6 ... 1
3
5
5
7
10
11
6
12
13
12
13
4
2
Figure 39. LPSPI Master Mode Timing (CPHA=1)
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
98 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com