Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
WM8770
Production Data
w
PD Rev 4.1 June 2005
36
ADC HIGHPASS FILTER DISABLE
The ADC digital filters contain a digital highpass filter. This defaults to enabled and can be disabled
using software control bit ADCHPD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10110
ADC control
8
ADCHPD
0
ADC Highpass filter disable:
0: Highpass filter enabled
1: Highpass filter disabled
ADC INPUT MUX AND POWERDOWN CONTROL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
LMX[2:0]
000
ADC left channel input mux control
bits (see Table 14)
6:4
RMX[2:0]
000
ADC right channel input mux
control bits (see Table 14)
11011
ADC Mux and
Powerdown
Control
8
AINPD
1
Input mux and buffer powerdown
0: Input mux and buffer
enabled
1: Input mux and buffer
powered down
Register bits LMX and RMX control the left and right channel inputs into the stereo ADC. The default
is AIN1. However if the analogue input buffer is powered down, by setting AINPD, then all 8-channel
mux inputs are switched to buffered VMIDADC.
LMX[2:0]
LEFT ADC INPUT
RMX[2:0]
RIGHT ADC INPUT
000
AIN1L
000
AIN1R
001
AIN2L
001
AIN2R
010
AIN3L
010
AIN3R
011
AIN4L
011
AIN4R
100
AIN5L
100
AIN5R
101
AIN6L
101
AIN6R
110
AIN7L
110
AIN7R
111
AIN8L
111
AIN8R
Table 14 ADC Input Mux Control
OUTPUT SELECT AND ENABLE CONTROL
Register bits MX1 to MX4 control the output select. The output select block consists of a summing
stage and an input select switch for each input allowing each signal to be output individually or
summed with other signals and output on each analogue output. The default for all outputs is DAC
playback only. VOUT1/2/3 may be selected to output DAC playback, AUX, analogue bypass or a
sum of these using the output select controls MX1/2/3[2:0]. VOUT4 may be selected to output DAC
playback, analogue bypass or a sum of these signals using MX4[1:0]. It is recommended that bypass
is not selected for output on more than two stereo channels simultaneously to avoid overloading the
input buffer, resulting in a decrease in performance.
The output mixers and EVRs can be powered down under control of OUTPD[3:0]. Each stereo
channel may be powered down separately. Setting OUTPD[3:0] will power off the mixer and EVR and
switch the analogue outputs VOUTL/R to VMIDDAC to maintain a dc level on the output.
When setting OUTPD MX1/2/3/4 should be set to deselect all signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com