Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
25
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
DI is used for the program data, CL is used to clock in the program data and CE is used to latch the
program data. DI is sampled on the rising edge of CL. The 3-wire interface protocol is shown in
Figure 21.
Figure 21 3-wire SPI compatible Interface
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CE is edge sensitive – the data is latched on the rising edge of CE.
CCB INTERFACE MODE
CCB Interface mode allows multiple devices to be controlled off a common 3-wire bus. Each device
on the 3-wire bus has its own identifying address. The WM8770 supports write only CCB interface
mode.
DI is used for the device address and program data and CL is used to clock in the address and data
on DI. DI is sampled on the rising edge of CL. CE indicates whether the data on DI is the device
address or program data. The eight clocks before a rising edge on CE will clock in the device
address. The device address is latched on the rising edge of CE. The sixteen clocks before a falling
edge on CE will clock in the program data. The program data is latched on the falling edge of CE.
A0
A1
A2
A3
A4
A5
A6
A7
D0
D1
D2
D3
D14
D15
CE
CL
DI
Figure 22 CCB Interface – CL stopped low
Figure 23 CCB Interface – CL stopped high
1.
A[7:0] are Device Address bits
2.
D[15:9] are Control Address bits
3.
D[8:0] are Control Data bits
The address A[7:0] for WM8770 is 8Ch (10001100).
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
CE
CL
DI
A0
A1
A2
A3
A4
A5
A6
A7
D0
D1
D2
D3
D14
D15
CE
CL
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com