Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
37
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
MX1[2:0]
001
(DAC playback)
VOUT1 Output select (see
Figure 25)
5:3
MX2[2:0]
001
(DAC playback)
VOUT2 Output select (see Figure 25)
11100
Output Mux
and
Powerdown
Control
8:7
OUTPD[1:0]
11
Mixer and EVR Powerdown select
0: mixer and EVR enabled
1: mixer and EVR powered
down
2:0
MX3[2:0]
001
(DAC playback)
VOUT3 Output select (see
Figure 25)
4:3
MX4[1:0]
01
(DAC playback)
VOUT4 Output select (see Figure 26)
11101
Output Mux
and
Powerdown
Control
8:7
OUTPD[3:2]
11
Mixer and EVR Powerdown select
0: mixer and EVR enabled
1: mixer and EVR powered
down
MX1/2/3[2:0] selects the output for VOUT1/2/3.
Figure 25 MX1/2/3[2:0] Output Select
MX4[1:0] selects the output for VOUT4L/R.
Figure 26 MX4[1:0] Output Select
SOFTWARE REGISTER RESET
Wrting to register 11111 will cause a register reset, resetting all register bits to their default values.
MX4[0]
MX4[1]
DAC4
BYPASS
VOUT4
MX[0]
MX[1]
MX[2]
DAC
AUX
BYPASS
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com