Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
WM8770
Production Data
w
PD Rev 4.1 June 2005
44
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
MX1[2:0]
001
VOUT1 Output Select (see Figure 25)
5:3
MX2[2:0]
001
VOUT2 Output Select (see Figure 25)
11100
Output Mux
and
Powerdown
Control
8:7
OUTPD[1:0]
11
Mixer and EVR Powerdown Select
0: mixer and EVR enabled
1: mixer and EVR powered down
2:0
MX3[2:0]
001
VOUT3 Output Select (see Figure 25)
4:3
MX4[1:0]
01
VOUT4 Output Select (see Figure 26)
11101
Output Mux
and
Powerdown
Control
8:7
OUTPD[3:2]
11
Mixer and EVR Powerdown Select
0: mixer and EVR enabled
1: mixer and EVR powered down
11111
Software
reset
[8:0]
RESET
Not reset
Writing to this register will apply a reset to the device registers.
Table 15 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com