Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
19
Table 8 shows the settings for ADCRATE and DACRATE for common sample rates and MCLK
frequencies.
System Clock Frequency (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
SAMPLING
RATE
(DACLRC/
ADCLRC)
DACRATE
=000
DACRATE
=001
ADCRATE/
DACRATE
=010
ADCRATE/
DACRATE
=011
ADCRATE/
DACRATE
=100
ADCRATE/
DACRATE
=101
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 8 Master Mode ADC/DACLRC Frequency Selection
BCLK is also generated by the WM8770. The frequency of BCLK depends on the mode of operation.
In 128/192fs modes (DACRATE=000 or 001) BCLK = MCLK/2. In 256/384/512fs modes
(ADCRATE/DACRATE=010 or 011 or 100) BCLK = MCLK/4. However if DSP mode is selected as
the audio interface mode then BCLK=MCLK. This is to ensure that there are sufficient BCLKs to
clock in all eight channels. Note that DSP mode cannot be used in 128fs mode for word lengths
greater than 16 bits or in 192fs mode for word lengths greater than 24 bits.
ZERO DETECT
The WM8770 has a zero detect circuit for each DAC channel which detects when 1024 consecutive
zero samples have been input. Two zero flag outputs (ZFLAG1 and ZFLAG2) may be programmed to
output the zero detect signals (see Table 9) which may then be used to control external muting
circuits. A ‘1’ on ZFLAG1 or ZFLAG2 indicates a zero detect.
When a DAC is powered down
ZFLAG1 and ZFLAG2 will go high by default if the Zero Detect is selected for that DAC. When this
DAC is powered off, the Bypass path is selected and there is an external mute circuit controlled by
ZFLAG1 or ZFLAG2, the Zero Detect feature should be de-selected or the output will be muted.
The zero detect may also be used to automatically enable the PGA mute by setting IZD. The zero
flag output may be disabled by setting DZFM to 0000. The zero flag signal for a DAC channel will
only be enabled if that channel is enabled as an input to the output summing stage.
DZFM[3:0]
ZFLAG1
ZFLAG2
0000
Zero flag disabled
Zero flag disabled
0001
All channels zero
All channels zero
0010
Left channels zero
Right channels zero
0011
Channel 1 zero
Channels 2-4 zero
0100
Channel 1 zero
Channel 2 zero
0101
Channel 1 zero
Channel 3 zero
0110
Channel 1 zero
Channel 4 zero
0111
Channel 2 zero
Channel 3 zero
1000
Channel 2 zero
Channel 4 zero
1001
Channel 3 zero
Channel 4 zero
1010
Channels 1-3 zero
Channel 4 zero
1011
Channel 1 zero
Channels 2 & 3 zero
1100
Channel 1 left zero
Channel 1 right zero
1101
Channel 2 left zero
Channel 2 right zero
1110
Channel 3 left zero
Channel 3 right zero
1111
Channel 4 left zero
Channel 4 right zero
Table 9 Zero Flag Output Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com