Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8770 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
5
PIN
NAME
TYPE
DESCRIPTION
52
DOUT
Digital output
ADC data output
53
DIN1
Digital Input
DAC channel 1 data input
54
DIN2
Digital Input
DAC channel 2 data input
55
DIN3
Digital Input
DAC channel 3 data input
56
DIN4
Digital Input
DAC channel 4 data input
57
DACLRC
Digital input/output
DAC left/right word clock
58
ADCLRC
Digital input/output
ADC left/right word clock
59
BCLK
Digital input/output
ADC and DAC audio interface bit clock
60
MCLK
Digital input
Master DAC and ADC clock; 256, 384, 512 or 768fs (fs = word clock
frequency)
61
CL
Digital input
Serial interface clock (5V tolerant)
62
DI
Digital input
Serial interface data (5V tolerant)
63
CE
Digital input
Serial interface Latch signal (5V tolerant)
64
RESETB
Digital input
Device reset input (mutes DAC outputs, resets gain stages to 0dB)
(5V tolerant)
Note: Digital input pins have Schmitt trigger input buffers and are 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com