Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8770 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
WM8770
Production Data
w
PD Rev 4.1 June 2005
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AIN1L
Analogue Input
Channel 1 left input multiplexor virtual ground
2
AIN1R
Analogue Input
Channel 1 right input multiplexor virtual ground
3
AIN2L
Analogue Input
Channel 2 left input multiplexor virtual ground
4
AIN2R
Analogue Input
Channel 2 right input multiplexor virtual ground
5
AIN3L
Analogue Input
Channel 3 left input multiplexor virtual ground
6
AIN3R
Analogue Input
Channel 3 right input multiplexor virtual ground
7
AIN4L
Analogue Input
Channel 4 left input multiplexor virtual ground
8
AIN4R
Analogue Input
Channel 4 right input multiplexor virtual ground
9
AIN5L
Analogue Input
Channel 5 left input multiplexor virtual ground
10
AIN5R
Analogue Input
Channel 5 right input multiplexor virtual ground
11
AIN6L
Analogue Input
Channel 6 left input multiplexor virtual ground
12
AIN6R
Analogue Input
Channel 6 right input multiplexor virtual ground
13
AIN7L
Analogue Input
Channel 7 left input multiplexor virtual ground
14
AIN7R
Analogue Input
Channel 7 right input multiplexor virtual ground
15
AIN8L
Analogue Input
Channel 8 left input multiplexor virtual ground
16
AIN8R
Analogue Input
Channel 8 right input multiplexor virtual ground
17
AINOPL
Analogue Output
Left channel multiplexor output
18
AINVGL
Analogue Input
Left channel multiplexor virtual ground
19
AINVGR
Analogue Input
Right channel multiplexor virtual ground
20
AINOPR
Analogue Output
Right channel multiplexor output
21
RECL
Analogue Output
Left channel input mux select output
22
RECR
Analogue Output
Right channel input mux select output
23
REFADC
Analogue Output
ADC reference buffer decoupling pin; 10uF external decoupling
24
VMIDADC
Analogue Output
ADC midrail divider decoupling pin; 10uF external decoupling
25
AGND1
Supply
Analogue negative supply and substrate connection
26
AVDD1
Supply
Analogue positive supply
27
AUX1L
Analogue input
3.1 Multiplexor channel 1 left virtual ground input
28
AUX1R
Analogue input
3.1 Multiplexor channel 1 right virtual ground input
29
AUX2L
Analogue input
3.1 Multiplexor channel 2 left virtual ground input
30
AUX2R
Analogue input
3.1 Multiplexor channel 2 right virtual ground input
31
AUX3L
Analogue input
3.1 Multiplexor channel 3 left virtual ground input
32
AUX3R
Analogue input
3.1 Multiplexor channel 3 right virtual ground input
33
AVDD2
Supply
Analogue positive supply
34
VOUT1L
Analogue output
DAC channel 1 left output
35
VOUT1R
Analogue output
DAC channel 1 right output
36
DACREFP1
Supply
DAC positive reference supply
37
VOUT2L
Analogue output
DAC channel 2 left output
38
GR1
Supply
DAC ground reference
39
VOUT2R
Analogue output
DAC channel 2 right output
40
VMIDDAC
Analogue output
DAC midrail decoupling pin ; 10uF external decoupling
41
VOUT3L
Analogue output
DAC channel 3 left output
42
GR2
Supply
DAC ground reference
43
VOUT3R
Analogue output
DAC channel 3 right output
44
DACREFP2
Supply
DAC positive reference supply
45
VOUT4L
Analogue output
DAC channel 4 left output
46
VOUT4R
Analogue output
DAC channel 4 right output
47
AGND2
Supply
Analogue negative supply and substrate connection
48
DGND
Supply
Digital negative supply
49
DVDD
Supply
Digital positive supply
50
ZFLAG1
Digital output
DAC Zero Flag output
51
ZFLAG2
Digital output
DAC Zero Flag output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com