Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
17
DEVICE DESCRIPTION
INTRODUCTION
WM8770 is a complete 8-channel DAC, 2-channel ADC audio codec, including digital interpolation
and decimation filters, multi-bit sigma delta stereo ADC, and switched capacitor multi-bit sigma delta
DACs with analogue volume controls on each channel and output smoothing filters.
The device is implemented as four separate stereo DACs and a stereo ADC with flexible input
multiplexor, in a single package and controlled by a single interface.
The four stereo channels may either be used to implement a 5.1 channel surround system, with
additional stereo channel for a stereo mix down channel, or for a complete 7.1 channel surround
system.
An analogue bypass path option is available, to allow stereo analogue signals from any of the 8
stereo inputs to be sent to the stereo outputs via the main volume controls. This allows a purely
analogue input to analogue output high quality signal path to be implemented if required. This would
allow, for example, the user to play back a 5.1 channel surround movie through 6 of the DACs, whilst
playing back a separate analogue or digital signal into a remote room installation.
Each stereo DAC has its own data input DIN1/2/3/4. DAC word clock DACLRC is shared between
them. The stereo ADC has it’s own data output DOUT, and word clock ADCLRC. BITCLK and MCLK
are shared between the ADCs and DACs. The Audio Interface may be configured to operate in either
master or slave mode. In Slave mode ADCLRC, DACLRC and BCLK are all inputs. In Master mode
ADCLRC, DACLRC and BCLK are all outputs.
The input multiplexor to the ADC is configured to allow large signal levels to be input to the ADC,
using external resistors to reduce the amplitude of larger signals to within the normal operating range
of the ADC. The ADC input PGA also allows input signals to be gained up to +19dB and attenuated
down to -12dB. This allows the user maximum flexibility in the use of the ADC.
A selectable stereo record output is also provided on RECL/R. It is intended that the RECL/R outputs
are only used to drive a high impedance buffer.
Each DAC has its own analogue and separate digital volume control. The analogue volume control is
adjustable in 1dB steps and the digital volume control in 0.5dB steps. The analogue and digital
volume controls may be operated independently. In addition a zero cross detect circuit is provided for
each DAC for both analogue and digital volume controls. When analogue volume zero-cross
detection is enabled the attenuation values are only updated when the input signal to the gain stage
is close to the analogue ground level. The digital volume control detects a transition through the zero
point before updating the volume. This minimises audible clicks and ‘zipper’ noise as the gain values
change.
Additionally, 6 of the DAC outputs incorporate an input selector and mixer allowing an external 6
channel, or 5.1 channel signal, to be either switched into the signal path in place of the DAC signal or
mixed with the DAC signal before the volume controls. This allows the device to be used as a 6
channel volume control for an externally provided 5.1 type analogue input. Use of external resistors
allows larger input levels to be accepted by the device, giving maximum user flexibility.
Control of internal functionality of the device is by 3-wire serial control interface. An SPI or CCB type
interface may used, selectable by the state of the CE pin on the rising edge of RESETB. The control
interface may be asynchronous to the audio data interface as control data will be re-synchronised to
the audio processing internally.
CE, CL, DI and RESETB are 5V tolerant with TTL input thresholds, allowing the WM8770 to used
with DVDD = 3.3V and be controlled by a controller with 5V output.
Operation using system clock of 128fs, 192fs, 256fs, 384fs, 512fs or 768fs is provided. In Slave
mode selection between clock rates is automatically controlled. In master mode the master clock to
sample rate ratio is set by control bits ADCRATE and DACRATE. ADC and DAC may run at different
rates within the constraint of a common master clock for the ADC and DACs. For example with
master clock at 24.576MHz, a DAC sample rate of 96kHz (256fs mode) and an ADC sample rate of
48kHz (512fs mode) can be accomadated. Master clock.Sample rates (fs) from less than 8ks/s up to
192ks/s are allowed, provided the appropriate system clock is input.
The audio data interface supports right, left and I
2S interface formats along with a highly flexible DSP
serial port interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com