Electronic Components Datasheet Search
  English  ▼

X  

WM8770 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
WM8770
Production Data
w
PD Rev 4.1 June 2005
16
In a real application the designer is unlikely to have control of the relative power up sequence of
AVDD and DVDD. Using the POR circuit to monitor VMIDADC ensures a reasonable delay between
applying power to the device and Device Ready.
Figure 10 and Figure 11 show typical power up scenarios in a real system. Both AVDD and DVDD
must be established and VMIDADC must have reached the threshold Vporr before the device is
ready and can be written to. Any writes to the device before Device Ready will be ignored.
Figure 10 shows DVDD powering up before AVDD. Figure 11 shows AVDD powering up before
DVDD. In both cases, the time from applying power to Device Ready is dominated by the charge
time of VMIDADC.
A 10uF cap is recommended for decoupling on VMIDADC. The charge time for VMIDADC will
dominate the time required for the device to become ready after power is applied. The time required
for VMIDADC to reach the threshold is a function of the VMIDADC resistor string and the decoupling
capacitor. The Resistor string has a typical equivalent resistance of 50kohm (+/-20%). Assuming a
10uF capacitor, the time required for VMIDADC to reach threshold of 1V is approx 110ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com