Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 581 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 581 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 579Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 580Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 581Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 582Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 583Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 584Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 585Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-77
Figure 13-62. Effect of LUPWAIT Signal
13.4.4.5
Synchronous Sampling of LUPWAIT for Early Transfer
Acknowledge
If LUPWAIT is to be considered an asynchronous signal, which can be asserted/negated at any
time, no UPM RAM word must contain both WAEN = 1 and UTA = 1 simultaneously.
However, programming WAEN = 1 and UTA = 1 in the same RAM word allows UPM to treat
LUPWAIT as a synchronous signal, which must meet set-up and hold times in relation to the rising
edge of the bus clock. In this case, as soon as UPM samples LUPWAIT negated on the rising edge
of the bus clock, it immediately generates an internal transfer acknowledge, which allows a data
transfer one bus clock cycle later. The generation of transfer acknowledge is early because
LUPWAIT is not re-synchronized, and the acknowledge occurs regardless of whether UPM was
already frozen in WAIT cycles or not. This feature allows the synchronous negation of LUPWAIT
to affect a data transfer, even if UTA, WAEN, and LAST are set simultaneously.
13.4.4.6
Extended Hold Time on Read Accesses
Slow memory devices that take a long time to turn off their data bus drivers on read accesses
should choose some non-zero combination of ORn[TRLX] and ORn[EHTR]. The next accesses
after a read access to the slow memory device is delayed by the number of clock cycles specified
in the ORn register in addition to any existing bus turn around cycle.
LCSn
LGPL1
WAEN
Word n
Word n+1
c1
c2
c3
c4
c5
c6
c7
c8
LUPWAIT
c9 c10 c11
c12
c13 c14
Word n+2
Wait
Wait
Word n+3
LCLK
T1
T2
T3
T4
A
B
C
D
TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com