Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 579 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 579 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 579Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 580Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 581Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 582Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 583Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-75
Note that any change to the AMX field from one RAM word to the next RAM word executed
results in an address phase on the LAD[0:31] bus with the assertion of LALE for the number of
cycles set for LALE in the ORn and LCRR registers. The LGPL[0:5] signals maintain the value
specified in the RAM word during the LALE phase.
13.4.4.4.8 Data Valid and Data Sample Control (UTA)
When a read access is handled by the UPM, and the UTA bit is 1 (data is to be sampled by the
LBC), the value of the DLT3 bit in the same RAM word, in conjunction with MxMR[GPLn4DIS],
determines when the data input is sampled by the LBC as follows:
•
If MxMR[GPLn4DIS] = 1 (G4T4/DLT3 functions as DLT3) and DLT3 = 1 in the RAM
word, data is latched on the falling edge of the bus clock instead of the rising edge. The LBC
samples the data on the next falling edge of the bus clock, which is during the middle of the
current bus cycle. This feature should be used only in systems without external
synchronous bus devices that require mid-cycle sampling.
•
If GPLn4DIS = 0 (G4T4/DLT3 functions as G4T4), or if GPLn4DIS = 1 but DLT3 = 0, data
is latched on the rising edge of the bus clock, which occurs at the end of the current bus
clock cycle (normal operation).
Table 13-32. UPM Address Multiplexing
AM
LAD[0:31]
as Address
Signals
A0–A15 A16 A17 A18 A19 A20 A21 A22 A23 A24 A25 A26 A27 A28 A29 A30 A31
000 Signal
driven on
external pin
when
address
multiplexing
is enabled—
RAM word
AMX = 10
0
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22 A23
001
0
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22
010
0
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
011
0
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20
100
0
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
101
0
A3
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com