Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 576 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 576 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 579Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 580Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-72
Freescale Semiconductor
Local Bus Controller
13.4.4.4.2 Chip-Select Signal Timing (CSTn)
If BRn[MSEL] of the accessed bank selects a UPM on the currently requested cycle, the UPM
manipulates the LCSn for that bank with timing as specified in the UPM RAM word CSTn fields.
The selected UPM affects only the assertion and negation of the appropriate LCSn signal. The
state of the selected LCSn signal of the corresponding bank depends on the value of each CSTn
bit. Figure 13-59 shows how UPMs control LCSn signals.
Figure 13-59. LCSn Signal Selection
13.4.4.4.3 Byte Select Signal Timing (BSTn)
If BRn[MSEL] of the accessed memory bank selects a UPM on the currently requested cycle, the
selected UPM affects the assertion and negation of the appropriate LBS[0:3] signal. The timing of
all four byte-select signals is specified in the RAM word. However, LBS[0:3] are also controlled
by the port size of the accessed bank, the number of bytes to transfer, and the address accessed.
Figure 13-60 shows how UPMs control LBS[0:3].
UPMA/B/C
SDRAM
GPCM
MUX
BRn[MSEL]
LCS3
LCS4
LCS5
LCS6
LCS7
Switch
Bank Selected
LCS0
LCS1
LCS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com