Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 575 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 575 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 579Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-71
25
EXEN
Exception enable. Allows branching to an exception pattern at the exception start address (EXS).
When an internal bus monitor time-out exception is recognized and EXEN in the RAM word is set,
the UPM branches to the special exception start address (EXS) and begins operating as the pattern
defined there specifies.
The user should provide an exception pattern to negate signals controlled by the UPM in a
controlled fashion. For DRAM control, a handler should negate RAS and CAS to prevent data
corruption. If EXEN = 0, exceptions are ignored by UPM (but not by Local Bus) and execution
continues. After the UPM branches to the exception start address, it continues reading until the
LAST bit is set in the RAM word.
0 The UPM continues executing the remaining RAM words, ignoring any internal bus monitor
time-out.
1 The current RAM word allows a branch to the exception pattern after the current cycle if an
exception condition is detected.
26–27
AMX
Address multiplexing. Determines the source of LAD[0:31] during a LALE phase. Any change in the
AMX field initiates a new LALE (address) phase.
00 LAD[0:31] is the non-multiplexed address. For example, column address.
01 Reserved
10 LAD[0:31] is the address multiplexed according to MxMR[AM]. For example, row address.
11 LAD[0:31] is the contents of MAR. Used, for example, to initialize a mode.
Note that Source ID debug mode is only supported for the AMX = 00 setting.
28
NA
Next burst address. Determines when the address is incremented during a burst access.
0 The address increment function is disabled.
1 The address is incremented in the next cycle. In conjunction with the BRn[PS], the increment
value of the state of LA[27:31] is 1, 2 or 4 for port sizes of 8-bits, 16-bits and 32-bits, respectively.
29
UTA
UPM transfer acknowledge. Indicates assertion of transfer acknowledge in the current cycle.
0 Transfer acknowledge is not asserted in the current cycle.
1 Transfer acknowledge is asserted in the current cycle.
30
TODT
Turn-on disable timer. The disable timer associated with each UPM allows a minimum time to be
guaranteed between two successive accesses to the same memory bank. This feature is critical
when DRAM requires a RAS precharge time. TODT turns the timer on to prevent another UPM
access to the same bank until the timer expires.The disable timer period is determined in
MxMR[DSn]. The disable timer does not affect memory accesses to different banks. Note that TODT
must be set together with LAST, otherwise it is ignored.
0 The disable timer is turned off.
1 The disable timer for the current bank is activated preventing a new access to the same bank
(when controlled by the UPMs) until the disable timer expires. For example, precharge time.
31
LAST
Last word. When LAST is read in a RAM word, the current UPM pattern terminates and control
signal timing set in the RAM word is applied to the current (and last) cycle. However, if the disable
timer is activated and the next access is to the same bank, execution of the next UPM pattern is held
off and the control signal values specified in the last word are extended in duration for the number
of clock cycles specified in MxMR[DSn].
0 The UPM continues executing RAM words.
1 Indicates the last RAM word in the program. The service to the UPM request is done after this
cycle concludes.
Table 13-30. RAM Word Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com