Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 571 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 571 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-67
The division of UPM bus cycles into phases is shown in Figure 13-55 and Figure 13-56. If
LCRR[CLKDIV] = 2, the bus cycle comprises only two active phases, T1 and T3, which
correspond with the first and second halves of the bus clock cycle, respectively. However, if
LCRR[CLKDIV] = 4 or 8, four phases, T1–T4, define four quarters of the bus clock cycle.
Because T2 and T4 are inactive when LCRR[CLKDIV] = 2, UPM ignores signal timing
programmed for assertion in either of these phases in the case LCRR[CLKDIV] = 2.
Figure 13-55. UPM Clock Scheme for LCRR[CLKDIV] = 2
Figure 13-56. UPM Clock Scheme for LCRR[CLKDIV] = 4 or 8
13.4.4.4
RAM Array
The RAM array for each UPM is 64 locations deep and 32 bits wide, as shown in Figure 13-57.
The signals at the bottom of the figure are UPM outputs. The selected LCSn is for the bank that
matches the current address. The selected LBS is for the byte lanes read or written by the access.
LCLK
T1
T2
T3
T4
LCLK
T1
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com