Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 567 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 567 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-63
The following events initiate a UPM cycle:
•
Any internal device requests an external memory access to an address space mapped to a
chip-select serviced by the UPM
•
A UPM refresh timer expires and requests a transaction, such as a DRAM refresh
•
A bus monitor time-out error during a normal UPM cycle redirects the UPM to execute an
exception sequence
The RAM array contains 64 words of 32-bits each. The signal timing generator loads the RAM
word from the RAM array to drive the general-purpose lines, byte-selects, and chip-selects. If the
UPM reads a RAM word with WAEN set, the external LUPWAIT signal is sampled and
synchronized by the memory controller and the current request is frozen.
13.4.4.1
UPM Requests
A special pattern location in the RAM array is associated with each of the possible UPM requests.
An internal device’s request for a memory access initiates one of the following patterns
(MxMR[OP] = 00):
•
Read single-beat pattern (RSS)
•
Read burst cycle pattern (RBS)
•
Write single-beat pattern (WSS)
•
Write burst cycle pattern (WBS)
A UPM refresh timer request pattern initiates a refresh timer pattern (RTS).
An exception (caused by a bus monitor time-out error) occurring while another UPM pattern is
running initiates an exception condition pattern (EXS).
Figure 13-53 and Table 13-29 show the start addresses of these patterns in the UPM RAM,
according to cycle type. RUN commands (MxMR[OP] = 11), however, can initiate patterns
starting at any of the 64 UPM RAM words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com