Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 570 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 570 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-66
Freescale Semiconductor
Local Bus Controller
Note that transfer acknowledges (UTA bit in the RAM word) are ignored for software (RUN
command) requests, and hence the LAD signals remain high-impedance unless the normal initial
LALE occurs or the RUN pattern causes assertion of LALE to occur on changes to the RAM word
AMX field.
13.4.4.1.4 Exception Requests
When the LBC under UPM control initiates an access to a memory device and an exception occurs
(bus monitor time-out), the UPM provides a mechanism by which memory control signals can
meet the device’s timing requirements without losing data. The mechanism is the exception pattern
that defines how the UPM negates its signals in a controlled manner.
13.4.4.2
Programming the UPMs
The UPM is a micro sequencer that requires microinstructions or RAM words to generate signal
timings for different memory cycles. Follow these steps to program UPMs:
1. Set up BRn and ORn registers.
2. Write patterns into the RAM array.
3. Program MRTPR, LURT and MAMR[RFEN] if refresh is required.
4. Program MxMR.
Patterns are written to the RAM array by setting MxMR[OP] = 01 and accessing the UPM with
any write transaction that hits the relevant chip select. The entire array is thus programmed by an
alternating series of writes: to MDR (RAM word to be written) each time followed by a (dummy)
write transaction to the relevant UPM assigned bank.
Note that the UPM memory region must be cache-inhibited or write-through (the MMU page must
have the I or W bit set) during the time that the UPM array is being written. If the memory is to be
cacheable and/or copyback, the MMU must be set accordingly after the UPM array is initialized.
RAM array contents may also be read for debug purposes, for example, by alternating dummy read
transactions, each time followed by reads of MDR (when MxMR[OP] = 10).
13.4.4.3
UPM Signal Timing
RAM word fields specify the value of the various external signals at a granularity of up to four
values for each bus clock cycle. The signal timing generator causes external signals to behave
according to timing specified in the current RAM word. For LCRR[CLKDIV] = 4 or 8, each bit
in the RAM word relating to LCSn and LBS timing specifies the value of the corresponding
external signal at each quarter phase of the bus clock. If LCRR[CLKDIV] = 2, the external signal
can change value only on each half phase of the bus clock. If the RAM word in this case
(LCRR[CLKDIV] = 2) specifies a quarter phase signal change, the signal timing generator
interprets this as a half cycle change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com