Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 573 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 573 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-69
Table 13-30 describes RAM word fields.
Table 13-30. RAM Word Field Descriptions
Bits
Name
Description
0
CST1
Chip select timing 1. Defines the state (0 or 1) of LCSn during bus clock quarter phase 1 if
LCRR[CLKDIV] = 4 or 8. Defines the state (0 or 1) of LCSn during bus clock half phase 1 if
LCRR[CLKDIV] = 2.
1
CST2
Chip select timing 2. Defines the state (0 or 1) of LCSn during bus clock quarter phase 2 if
LCRR[CLKDIV] = 4 or 8. Ignored when LCRR[CLKDIV] = 2.
2
CST3
Chip select timing 3. Defines the state (0 or 1) of LCSn during bus clock quarter phase 3 if
LCRR[CLKDIV] = 4 or 8. Defines the state (0 or 1) of LCSn during bus clock half phase 2 if
LCRR[CLKDIV] = 2.
3
CST4
Chip select timing 4. Defines the state (0 or 1) of LCSn during bus clock quarter phase 4.if
LCRR[CLKDIV] = 4 or 8. Ignored when LCRR[CLKDIV] = 2.
4
BST1
Byte select timing 1. Defines the state (0 or 1) of LBS during bus clock quarter phase 1
(LCRR[CLKDIV] = 4 or 8) or bus clock half phase 1 (LCRR[CLKDIV] = 2), in conjunction with
BRn[PS] and the state of LA[30:31].
5
BST2
Byte select timing 2:. Defines the state (0 or 1) of LBS during bus clock quarter phase 2
(LCRR[CLKDIV] = 4 or 8), in conjunction with BRn[PS] and the state of LA[30:31]. Ignored when
LCRR[CLKDIV] = 2.
6
BST3
Byte select timing 3. Defines the state (0 or 1) of LBS during bus clock quarter phase 3
(LCRR[CLKDIV] = 4 or 8) or bus clock half phase 2 (LCRR[CLKDIV] = 2), in conjunction with
BRn[PS] and the state of LA[30:31].
7
BST4
Byte select timing 4. Defines the state (0 or 1) of LBS during bus clock quarter phase 4
(LCRR[CLKDIV] = 4 or 8), in conjunction with BRn[PS] and the state of LA[30:31]. Ignored when
LCRR[CLKDIV] = 2.
8–9
G0L
General-purpose line 0 lower. Defines the state of LGPL0 during the bus clock quarter phases 1 and
2 (first half phase).
00 Value defined by MxMR[G0CL]
01 Reserved
10 0
11 1
10–11
G0H
General-purpose line 0 higher. Defines the state of LGPL0 during the bus clock quarter phases 3
and 4 (second half phase).
00 Value defined by MxMR[G0CL]
01 Reserved
10 0
11 1
12
G1T1
General-purpose line 1 timing 1. Defines the state (0 or 1) of LGPL1 during bus clock quarter phases
1 and 2 (first half phase).
13
G1T3
General-purpose line 1 timing 3. Defines the state (0 or 1) of LGPL1 during bus clock quarter phases
3 and 4 (second half phase)
14
G2T1
General-purpose line 2 timing 1. Defines state (0 or 1) of LGPL2 during bus clock quarter phases 1
and 2 (first half phase).
15
G2T3
General-purpose line 2 timing 3. Defines the state (0 or 1) of LGPL2 during bus clock quarter phases
3 and 4 (second half phase).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com