Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 574 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 574 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 578Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-70
Freescale Semiconductor
Local Bus Controller
16
G3T1
General-purpose line 3 timing 1. Defines the state (0 or 1) of LGPL3 during bus clock quarter phases
1 and 2 (first half phase).
17
G3T3
General-purpose line 3 timing 3. Defines the state (0 or 1) of LGPL3 during bus clock quarter phases
3 and 4 (second half phase).
18
G4T1/DLT3
General-purpose line 4 timing 1/delay time 3. The function of this bit is determined by MxMR[GPL4].
If MxMR[GPL4] = 0 and LGPL4/LUPWAIT pin functions as an output (LGPL4), G4T1/DLT3 defines
the state (0 or 1) of LGPL4 during bus clock quarter phases 1 and 2 (first half phase).
If MxMR[GPL4] = 1 and LGPL4/LUPWAIT functions as an input (LUPWAIT), if a read burst or single
read is executed, G4T1/DLT3 defines the sampling of the data bus as follows:
0 In the current word, the data bus should be sampled at the start of bus clock quarter phase 1 of
the next bus clock cycle.
1 In the current word, the data bus should be sampled at the start of bus clock quarter phase 3 of
the current bus clock cycle.
19
G4T3/WAEN General-purpose line 4 timing 3/wait enable. Bit function is determined by MxMR[GPL4].
If MxMR[GPL4] = 0 and LGPL4/LUPWAIT pin functions as an output (LGPL4), G4T3/WAEN defines
the state (0 or 1) of LGPL4 during bus clock quarter phases 3 and 4 (second half phase).
If MxMR[GPL4] = 1 and LGPL4/LUPWAIT functions as an input (LUPWAIT), G4T3/WAEN is used
to enable the wait mechanism:
0 LUPWAIT detection is disabled.
1 LUPWAIT is enabled. If LUPWAIT is detected as being asserted, a freeze in the external signals
logical values occurs until LUPWAIT is detected as being negated.
20
G5T1
General-purpose line 5 timing 1. Defines the state (0 or 1) of LGPL5 during bus clock quarter phases
1 and 2 (first half phase).
21
G5T3
General-purpose line 5 timing 3. Defines the state (0 or 1) of LGPL5 during bus clock quarter phases
3 and 4 (second half phase).
22–23
REDO
Redo current RAM word. Defines the number of times to execute the current RAM word.
00 Once (normal operation)
01 Twice
10 Three times
11 Four times
24
LOOP
Loop start/end. The first RAM word in the RAM array where LOOP is 1 is recognized as the loop
start word. The next RAM word where LOOP is 1 is the loop end word. RAM words between, and
including the start and end words, are defined as part of the loop. The number of times the UPM
executes this loop is defined in the corresponding loop fields of the MxMR.
0 The current RAM word is not the loop start word or loop end word.
1 The current RAM word is the start or end of a loop.
Table 13-30. RAM Word Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com