Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 577 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 577 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 579Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 580Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 581Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-73
Figure 13-60. LBS Signal Selection
The uppermost byte select (LBS0), when asserted, indicates that LAD[0:7] contains valid data
during a cycle. Likewise, LBS1 indicates that LAD[8:15] contains valid data, LBS2 indicates that
LAD[16:23] contains valid data, and LBS3 indicates that LAD[24:31] contains valid data. For a
UPM refresh timer request, all LBS[0:3] signals are asserted/negated by the UPM according to the
refresh pattern only. Following any internal bus monitor exception, LBS[0:3] signals are negated
regardless of the exception handling provided by any UPM exception pattern to prevent spurious
writes to external RAM.
13.4.4.4.4 General-Purpose Signals (GnTn, GOn)
The general-purpose signals (LGPL[0:5]) each have two bits in the RAM word that define the
logical value of the signal to be changed at the rising edge of the bus clock and/or at the falling
edge of the bus clock. LGPL0 offers enhancements beyond the other LGPLn lines.
GPL0 can be controlled by an address line specified in MxMR[G0CL]. To use this feature, G0H
and G0L should be set in the RAM word. For example, for a SIMM with multiple banks, this
address line can be used to switch between internal memory device banks.
13.4.4.4.5 Loop Control (LOOP)
The LOOP bit in the RAM word specifies the beginning and end of a set of UPM RAM words that
are to be repeated. The first time LOOP = 1, the memory controller recognizes it as a loop start
word and loads the memory loop counter with the corresponding contents of the loop field shown
in Table 13-31. The next RAM word for which LOOP = 1 is recognized as a loop end word. When
it is reached, the loop counter is decremented by one.
Continued loop execution depends on the loop counter. If the counter is not zero, the next RAM
word executed is the loop start word. Otherwise, the next RAM word executed is the one after the
UPMA
MUX
BRn[MSEL]
LBS0
LBS1
LBS2
LBS3
Bank Selected
BRn[PS]
A[29:31]
Byte count
Byte-Select
Logic
UPMB
UPMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com