Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 580 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 580 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 579Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 580Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 581Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 582Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 583Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 584Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-76
Freescale Semiconductor
Local Bus Controller
Figure 13-61 shows how data sampling is controlled by the UPM.
Figure 13-61. UPM Read Access Data Sampling
13.4.4.4.9 LGPL[0:5] Signal Negation (LAST)
When the LAST bit is read in a RAM word, the current UPM pattern is terminated at the end of
the current cycle. On the next cycle (following LAST) all the UPM signals are negated
unconditionally (driven to logic 1), unless there is a back-to-back UPM request pending. In this
case, the signal values for the cycle following the one in which the LAST bit was set are taken
from the first RAM word of the pending UPM routine.
13.4.4.4.10Wait Mechanism (WAEN)
The WAEN bit in the RAM array word can be used to enable the UPM wait mechanism in selected
UPM RAM words. If the UPM reads a RAM word with WAEN set, the external LUPWAIT signal
is sampled and synchronized by the memory controller as if it were an asynchronous signal. The
WAEN bit is ignored if LAST = 1 in the same RAM word.
Synchronization of LUPWAIT starts at the rising edge of the bus clock and takes at least 1 bus
cycle to complete. If LUPWAIT is asserted and WAEN = 1 in the current UPM word, the UPM is
frozen until LUPWAIT is negated. The value of external signals driven by the UPM remains as
indicated in the previous RAM word. When LUPWAIT is negated, the UPM continues normal
functions. Note that during WAIT cycles, the UPM does not handle data.
Figure 13-62 shows how the WAEN bit in the word read by the UPM and the LUPWAIT signal
are used to hold the UPM in a particular state until LUPWAIT is negated. As the example shows,
the LCSn and LGPL1 states and the WAEN value are frozen until LUPWAIT is recognized as
negated. WAEN is typically set before the line that contains UTA = 1. Note that if WAEN and NA
are both set in the same RAM word, NA causes the burst address to increment once as normal
regardless of whether the UPM freezes.
To internal
data bus
LCLK
UPM read AND GPL4nDIS = 1 AND DLT3 = 1
LAD[0:31]
M
U
L
T
I
P
L
E
X
O
R
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com