Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 572 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 572 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 576Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-68
Freescale Semiconductor
Local Bus Controller
Figure 13-57. RAM Array and Signal Generation
13.4.4.4.1 RAM Words
The RAM word is a 32-bit microinstruction stored in one of 64 locations in the RAM array. It
specifies timing for external signals controlled by the UPM. Figure 13-58 shows the RAM word
fields. When LCRR[CLKDIV] = 4 or 8, the CSTn and BSTn bits determine the state of UPM
signals LCSn and LBS[0:3] at each quarter phase of the bus clock. When LCRR[CLKDIV] = 2,
CST2 and CST4 are ignored and the external has the values defined by CST1 and CST3 but
extended to half the clock cycle in duration. The same interpretation occurs for the BSTn bits when
LCRR[CLKDIV] = 2.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
R
CST1 CST2 CST3
CST4 BST1 BST2 BST3 BST4
G0L
G0H
G1T1 G1T3 G2T1 G2T3
W
Reset
0000_0000_0000_0000
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
G3T1 G3T3
G4T1/
DLT3
G4T3/
WAEN
G5T1 G5T3
REDO
LOOP EXEN
AMX
NA
UTA TODT LAST
W
Reset
0000_0000_0000_0000
Offset
Figure 13-58. RAM Word Field Descriptions
T1, T2, T3, T4
LGPL0
LGPL2 LGPL3 LGPL4 LGPL5
External Signals Timing Generator
RAM Array
CS Line
Selector
Byte Select
Logic
LCS[0:7]
LBS[0:3]
Current Bank
BRn[PS], LA[30,31]
32 Bits
64 deep
LGPL1
Clock Phases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com