Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 568 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 568 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 572Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-64
Freescale Semiconductor
Local Bus Controller
Figure 13-53. RAM Array Indexing
13.4.4.1.1 Memory Access Requests
The user must ensure that the UPM is appropriately initialized before a request occurs.
The UPM supports two types of memory reads and writes:
•
A single-beat transfer transfers one operand consisting of up to a single word (dependent
on port size). A single-beat cycle starts with one transfer start and ends with one transfer
acknowledge.
•
A burst transfer transfers exactly 4 double words regardless of port size. For 32-bit
accesses, the burst cycle starts with one transfer start but ends after eight transfer
acknowledges, whereas an 8-bit device requires 32 transfer acknowledges.
The user must ensure that patterns for single-beat transfers contain one, and only one, transfer
acknowledge (UTA bit in RAM word set high) and for a burst transfer, contain the exact number
of transfer acknowledges required.
Table 13-29. UPM Routines Start Addresses
UPM Routine
Routine Start Address
Read single-beat (RSS)
0x00
Read burst (RBS)
0x08
Write single-beat (WSS)
0x18
Write burst (WBS)
0x20
Refresh timer (RTS)
0x30
Exception condition (EXS)
0x3C
Write Single-Beat Request
Read Burst Request
Read Single-Beat Request
Write Burst Request
RAM Array
Refresh Timer Request
Exception Condition Request
RSS
RBS
WSS
WBS
RTS
EXS
64 RAM
Words
Array Index
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com