Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 565 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 565 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-61
Figure 13-50. SDRAM MODE-SET Command
13.4.3.11 SDRAM Refresh
The memory controller supplies AUTO-REFRESH commands to any connected SDRAM device
according to the interval specified in LSRT (and prescaled by MRTPR[PTP]). This represents the
time period required between refreshes. The values of LSRT and MRTPR depend on the specific
SDRAM devices used and the system clock frequency of the LBC. This value should allow for a
potential collision between memory accesses and refresh cycles. The period of the refresh interval
must be greater than the access time to ensure that read and write operations complete successfully.
There are two levels of refresh request priority—low and high. The low priority request is
generated as soon as the refresh timer expires; this request is granted only if no other requests to
the memory controller are pending. If the request is not granted (memory controller is busy) and
the refresh timer expires two more times, the request becomes high priority and is served when the
current memory controller operation finishes.
13.4.3.11.1 SDRAM Refresh Timing
The SDRAM memory controller implements bank staggering for the auto refresh function. This
reduces instantaneous current consumption for memory refresh operations.
After a refresh request is granted, the memory controller begins issuing an AUTO-REFRESH
command to each device associated with the refresh timer. After a refresh command is issued to
an SDRAM device, the memory controller waits for the number of bus clock cycles programmed
in the SDRAM machine’s mode register (LSDMR[RFCR]) before issuing any subsequent
ACTIVATE command to the same device. To avoid violating SDRAM device timing constraints,
the user should ensure that the refresh request interval, defined by LSRT and MRTPR, is greater
than the refresh recovery interval, defined by LSDMR[RFCR].
1111
ZZZZZZZZ MODE
ZZZZZZZZ
LCLK
LALE
LCSn
LSDRAS
LSDCAS
LSDWE
LSDDQM[0:3]
LAD[0:31]
MODE-SET
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com