Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 561 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 561 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 565Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-57
Figure 13-38. WRC = 2 (2 Clock Cycles)
13.4.3.7.5 Refresh Recovery Interval (RFRC)
This parameter, controlled by LSDMR[RFRC], defines the earliest timing for an ACTIVATE or
REFRESH command after a REFRESH command to the same SDRAM device.
Figure 13-39. RFRC = 4 (6 Clock Cycles)
13.4.3.7.6 External Address and Command Buffers (BUFCMD)
If the additional delay of any buffers placed on the command strobes (LSDRAS, LSDCAS,
LSDWE and LSDA10), is endangering the device setup time, LSDMR[BUFCMD] should be set.
Setting this bit causes the memory controller to add LCRR[BUFCMDC] extra bus cycles to the
assertion of SDRAM control signals (LSDRAS, LSDCAS, LSDWE and LSDA10) for each
SDRAM command.
1111
0000
1111
ZZZZZZZZ
CAS ADD
D0
RAS ADD
CAS ADD
LCLK
LALE
LCSn
LSDRAS
LSDCAS
LSDWE
LSDDQM[0:3]
LAD[0:31]
D1
D2
D3
X
0000
D0
D1
WRC = 2
Last Data In
PRECHARGE
Command
WRITE
Command
1111
ZZZZZZZZ
RAS ADD
XXXX
CAS ADD
LCLK
LALE
LCSn
LSDRAS
LSDCAS
LSDWE
LSDDQM[0:3]
LAD[0:31]
RFRC = 4 (6 clocks)
AUTO REFRESH
Command
ACTIVATE
Command
PRECHARGE ALL
Command (if needed)
PRETOACT = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com