Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 558 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 558 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 562Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-54
Freescale Semiconductor
Local Bus Controller
the address to the page register each time a bus-cycle access is requested. If a match is found,
together with a bank match, the bus cycle is defined as a page hit. An open page is automatically
closed by the SDRAM machine if the bus becomes idle, unless ORn[PMSEL] = 1.
13.4.3.5
Page Management
The LBC can manage at most four open pages (one page per SDRAM bank) for a single SDRAM
device. After a page is opened, it remains open unless:
•
The next access is to a page in a different SDRAM device, in which case all open pages on
the current device are closed with a PRECHARGE-ALL-BANKS command.
•
The next access is to a page in an SDRAM bank that has a different page open on it, in
which case the old page is closed with a PRECHARGE-SINGLE-BANK command.
•
The current SDRAM device requires refresh services, in which case all open pages on the
current device are closed with a PRECHARGE-ALL-BANKS command.
•
The bus becomes idle and ORn[PMSEL] = 0, in which case all open pages in the current
device are closed with a PRECHARGE-ALL-BANKS command.
13.4.3.6
SDRAM Address Multiplexing
The lower address bus bits are connected to the memory device’s address port with the memory
controller multiplexing the row/column and the internal bank select lines. The position of the bank
select lines are set according to LSDMR[BSMA]. Figure 13-34 shows how the SDRAM controller
shifts the row address down to the lower output address signals during activate and shifts the bank
select bits up to the address pins specified by LSDMR[BSMA], supporting page-based
interleaving. The lsb of the logical row address (An in Figure 13-34) is aligned with the connected
lsb of LAD (bits 29, 30, and 31 for port sizes of 32, 16, and 8 bits, respectively).
Figure 13-34. SDRAM Address Multiplexing
ROW
COLUMN
Activate Address (RAS):
msbs
BS
lsbs
ROW
lsbs
BS
To memory
device pins,
031
Logical Address:
lsbs
BS
ROW
COLUMN
R/W Address (CAS):
—
An
except A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com