Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 559 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 559 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 563Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-55
Note that during normal operation (read/write), a full 32-bit address that includes row and column
is generated on LAD[0:31]. However, address/data signal multiplexing implies that the address
must be latched by an external latch that is controlled by LALE. All SDRAM device address
signals need to be connected to the latched address bits and burst address bits (LA[27:31]) of the
LBC, with the exception of A10, which has a dedicated connection on LSDA10. LSDA10 is
driven with the appropriate row address bit for SDRAM commands that require A10 to be an
address.
13.4.3.7
SDRAM Device-Specific Parameters
The software is responsible for setting correct values for device-specific parameters that can be
extracted from the device’s data sheet. The values are stored in the ORn and LSDMR registers.
These parameters include the following:
•
Precharge to activate interval (LSDMR[PRETOACT])
•
Activate to read/write interval (LSDMR[ACTTORW])
•
CAS latency, column address to first data out (LSDMR[CL] and LCRR[ECL])
•
Write recovery, last data in to precharge (LSDMR[WRC])
•
Refresh recovery interval (LSDMR[RFRC])
•
External buffers on the control lines present (LSDMR[BUFCMD] and
LCRR[BUFCMDC])
In addition, the LBC hardware ensures a default activate to precharge interval of 10 bus cycles.
The following sections describe SDRAM parameters programmed in LSDMR.
13.4.3.7.1 Precharge-to-Activate Interval
The precharge-to-activate interval parameter, controlled by LSDMR[PRETOACT]. defines the
earliest timing for an ACTIVATE or REFRESH command after a PRECHARGE command to the
same SDRAM bank.
Figure 13-35. PRETOACT = 2 (2 Clock Cycles)
1111
0000
1111
ZZZZZZZZ RAS ADD
XXXXX
CAS ADD
D0
ZZZZZZZZ
LCLK
LALE
LCSn
LSDRAS
LSDCAS
LSDWE
LSDDQM[0:3]
LAD[0:31]
PRETOACT = 2
PRECHARGE
Command
Bank A
ACTIVATE
Command
Bank A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com