Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 557 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 557 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 553Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 561Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-53
data inputs on the rising edge of the bus clock. Data at the output of the SDRAM device is sampled
on the rising edge of the bus clock.
The following SDRAM interface commands are provided by setting LSDMR[OP] to a non-zero
value (LSDMR[OP] = 000 sets normal read/write operation):
13.4.3.4
Page Hit Checking
The SDRAM machine supports page-mode operation. Each time a page is activated on the
SDRAM device, the SDRAM machine stores its address in a page register. The page information,
which the user writes to the ORn register, is used along with the bank size to compare page bits of
Table 13-28. SDRAM Interface Commands
Command
(LSDMR[OP])
Description
ACTIVATE
(110)
Latches the row address and initiates a memory read of that row. Row data is latched in SDRAM
sense amplifiers and must be restored with a PRECHARGE command before another ACTIVATE
is issued.
MODE-SET
(011)
Allows setting of SDRAM options—CAS latency and burst length. CAS latency depends on the
SDRAM device used. Although some SDRAMs provide burst lengths of 1, 2, 4, 8, or a page, the
local bus memory controller supports only 8-beat bursts for 8-bit and 32-bit port size, or 4-beat
bursts for 16-bit port size. The LBC does not support burst lengths of 1, 2 and a page for SDRAMs.
The mode register data (CAS latency and burst length) is programmed into the LSDMR register by
initialization software after reset. After the LSDMR is set, the LBC transfers the information to the
SDRAM device by issuing a MODE-SET command.
PRECHARGE
(100: single bank)
(101: all-banks)
Restores data from the sense amplifiers to the appropriate row in the SDRAM device array. Also
initializes the sense amplifiers to prepare for activating another row in the SDRAM device. Note that
the LBC uses LSDA10 to distinguish between PRECHARGE-ALL-BANKS (LSDA10 is high) and
PRECHARGE-SINGLE-BANK (LSDA10 is low). The SDRAMs must be compatible with this format.
READ
(111)
Latches the column address and transfers data from the selected sense amplifier on the SDRAM
device, to the output buffer as determined by the column address. During each successive clock,
additional data is driven without additional read commands. At the end of the burst, the page
remains open. Burst length is the one set for this bank. Read data is discarded by the LBC.
WRITE
(111)
Latches the column address and transfers data from the data signals to the selected sense amplifier
on the SDRAM device, as determined by the column address. During each successive clock,
additional data is transferred to the sense amplifiers from the data signals without additional write
commands. At the end of the burst, the page remains open. Burst length is the one set for this bank.
LSDDQM[0:3] are inactive and write data is undefined.
AUTO-REFRESH
(001)
Causes a row to be read in all memory banks (JEDEC SDRAM) as determined by the refresh row
address counter (similar to CBR). The refresh row address counter is internal to the SDRAM device.
After being read, a row is automatically rewritten into the memory array. All banks must be in a
precharged state before executing refresh.
SELF-REFRESH
(010)
Allows data to be retained in the SDRAM device, even when the rest of the LBC is in a power saving
mode with clocks turned off. When placed in this mode, the SDRAM device is capable of issuing its
own refresh commands, without external clocking from the LBC and the LCKE pin from the LBC is
negated. This command can be issued at any time. Normal operation can be resumed only by
setting LSDMR[OP] = 000, and waiting a minimum of 200 bus cycles before issuing reads or writes
to the LBC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com