Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 560 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 560 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 564Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-56
Freescale Semiconductor
Local Bus Controller
13.4.3.7.2 Activate-to-Read/Write Interval
This parameter, controlled by LSDMR[ACTTORW], defines the earliest timing for a
READ/WRITE command after an ACTIVATE command to the same SDRAM bank.
Figure 13-36. ACTTORW = 2 (2 Clock Cycles)
13.4.3.7.3 Column Address to First Data Out—CAS Latency
This parameter, controlled by LSDMR[CL] for latency of 1, 2, or 3 and by LCRR[ECL] for
latency of more than 3, defines the timing for first read data after a column address is sampled by
the SDRAM.
Figure 13-37. CL = 2 (2 Clock Cycles)
13.4.3.7.4 Last Data In to Precharge—Write Recovery
This parameter, controlled by LSDMR[WRC], defines the earliest timing for a PRECHARGE
command after the last data was written to the SDRAM.
1111
0000
1111
ZZZZZZZZ
RAS ADD
XXXX
CAS ADD
D0
ZZZZZZZZ
LCLK
LALE
LCSn
LSDRAS
LSDCAS
LSDWE
LSDDQM[0:3]
LAD[0:31]
D1
D2
D3
ACTTORW = 2
ACTIVATE
Command
WRITE
Command
1111
0000
1111
ZZZZZZZZ
RAS ADD
ZZZZZZZZ
CAS_ADD
D0
D1
D2
LCLK
LALE
LCSn
LSDRAS
LSDCAS
LSDWE
LSDDQM[0:3]
LAD[0:31]
D3
XXXX
CL = 2
READ
Command
First Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com