Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 556 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 556 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 552Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 553Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 560Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-52
Freescale Semiconductor
Local Bus Controller
Figure 13-33. Connection to a 32-Bit SDRAM with 12 Address Lines
13.4.3.2
SDRAM Power-On Initialization
Following a system reset, initialization software must set up the programmable parameters in the
memory controller banks registers (ORn, BRn, LSDMR). After all memory parameters are
configured, system software should execute the following initialization sequence for each
SDRAM device.
•
Issue a PRECHARGE-ALL-BANKS command
•
Issue eight AUTO-REFRESH commands
•
Issue a MODE-SET command to initialize the mode register
The initial commands are executed by setting LSDMR[OP] and accessing the SDRAM with any
write that hits the relevant bank.
Note that software should ensure that no memory operations begin until this process completes.
13.4.3.3 Intel PC133 and JEDEC-Standard SDRAM Interface Commands
The SDRAM machine performs all accesses to SDRAM by using Intel PC133 and
JEDEC-standard SDRAM interface commands. The SDRAM device samples the command and
LSDA10
LSDDQM[0:3]
LCS1
LAD[0:31]
SDRAM
Local Bus
Memory Address
LALE
LSDWE
32-Bit Port Size
LSDRAS
LSDCAS
Controller
LCKE
LCLK
LA[27:29]
WE
RAS
CAS
CS
DQM[3:0]
A10
A[11,9:3]
DQ[31:0]
CLK
CKE
A[2:0]
LAD[18,20:26]
Memory Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com