Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 552 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 552 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 548Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 549Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 550Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 551Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 552Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 553Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 556Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-48
Freescale Semiconductor
Local Bus Controller
Figure 13-29. GPCM Relaxed Timing Write (XACS = 0, ACS = 00, SCY = 1, CSNT = 1,
TRLX = 1, CLKDIV = 4 or 8)
13.4.2.2.4 Output Enable (LOE) Timing
The timing of the LOE is affected only by TRLX. It always asserts and negates on the rising edge
of the bus clock. LOE asserts either on the rising edge of the bus clock after LCSn is asserted or
coinciding with LCSn (if XACS = 1 and ACS = 10 or 11). Accordingly, assertion of LOE can be
delayed (along with the assertion of LCSn) by programming TRLX = 1. LOE negates on the rising
clock edge coinciding with LCSn negation
13.4.2.2.5 Extended Hold Time on Read Accesses
Slow memory devices that take a long time to disable their data bus drivers on read accesses should
choose some combination of ORn[TRLX,EHTR]. Any access following a read access to the
slower memory bank is delayed by the number of clock cycles specified in Table 13-6 in addition
to any existing bus turnaround cycle. The final bus turnaround cycle is automatically inserted by
the LBC for reads, regardless of the setting of ORn[EHTR].
LCLK
LAD
LALE
LCSn
LBCTL
Address
A
Latched Address
TA
LWEn
Write Data
LOE
CSNT = 1
SCY = 1, TRLX = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com