Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 549 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 549 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 545Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 546Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 547Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 548Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 549Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 550Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 551Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 552Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 553Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-45
Figure 13-25. GPCM Basic Write Timing (XACS = 0, ACS = 00, CSNT = 1, SCY = 1,
TRLX = 0, CLKDIV = 4 or 8)
As Figure 13-25 shows, the timing for LCSn is the same as for the latched address. The strobes for
the transaction are supplied by LOE or LWEn, depending on the transaction direction—read or
write (write case shown in Figure 13-25). ORn[CSNT] controls the timing for the appropriate
strobe negation in write cycles. When this attribute is asserted, the strobe is negated one quarter of
a clock before the normal case provided that LCRR[CLKDIV] = 4 or 8. For example, when
ACS = 00 and CSNT = 1, LWEn is negated one quarter of a clock earlier, as shown in
Figure 13-25. If LCRR[CLKDIV] = 2, LWEn is negated either coincident with LCSn or one cycle
earlier.
13.4.2.2.3 Relaxed Timing
ORx[TRLX] is provided for memory systems that require more relaxed timing between signals.
Setting TRLX = 1 has the following effect on timing:
•
An additional bus cycle is added between the address and control signals (but only if
ACS
≠ 00).
•
The number of wait states specified by SCY is doubled, providing up to 30 wait states.
•
The extended hold time on read accesses (EHTR) is extended further.
•LCSn signals are negated 1 cycle earlier during writes (but only if ACS
≠ 00).
•LWE[0:3] signals are negated 1 cycle earlier during writes.
LCLK
LAD
LALE
LCSn
LWEn
Address
Write Data
A
Latched Address
TA
LOE
CSNT = 1
SCY = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com