Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 548 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 548 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 544Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 545Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 546Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 547Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 548Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 549Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 550Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 551Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 552Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-44
Freescale Semiconductor
Local Bus Controller
13.4.2.2
Chip-Select Assertion Timing
The banks selected to work with the GPCM, support an option to drive the LCSn signal with
different timings (with respect to the external address/data bus). LCSn can be driven in any of the
following ways:
•
Simultaneous with the latched memory address. (This refers to the externally latched
address and not the address timing on LAD[0:31]. That is, chip select does not assert during
LALE).
•
One quarter of a clock cycle later (for LCRR[CLKDIV] = 4 or 8).
•
One half of a clock cycle later (for LCRR[CLKDIV] = 2, 4, or 8).
•
One clock cycle later (for LCRR[CLKDIV] = 4), when ORn[XACS] = 1.
•
Two clock cycles later (for LCRR[CLKDIV] = 2, 4, or 8), when ORn[XACS] = 1.
•
Three clock cycles later (for LCRR[CLKDIV] = 2, 4, or 8), when ORn[XACS] = 1 and
ORn[TRLX] = 1.
The timing diagram in Figure 13-24 shows two chip-select assertion timings for the case
LCRR[CLKDIV] = 4 or 8. If LCRR[CLKDIV] = 2, LCSn asserts identically for ORn[ACS] = 10
or 11.
13.4.2.2.1 Programmable Wait State Configuration
The GPCM supports internal generation of transfer acknowledge. It allows between zero and 30
wait states to be added to an access by programming ORn[SCY] and ORn[TRLX]. Internal
generation of transfer acknowledge is enabled if ORn[SETA] = 0. If LGTA is asserted externally
two bus clock cycles or more before the wait state counter has expired (to allow for
synchronization latency), the current memory cycle is terminated by LGTA; otherwise it is
terminated by the expiration of the wait state counter. Regardless of the setting of ORn[SETA],
wait states prolong the assertion duration of both LOE and LWEn in the same manner. When
TRLX = 1, the number of wait states inserted by the memory controller is doubled from
ORn[SCY] cycles to 2
× ORn[SCY] cycles, allowing a maximum of 30 wait states.
13.4.2.2.2 Chip-Select and Write Enable Negation Timing
Figure 13-23 shows a basic connection between the local bus and a static memory device. In this
case, LCSn is connected directly to CE of the memory device. The LWE[0:3] signals are
connected to the respective WE[3:0] signals on the memory device where each LWE[0:3] signal
corresponds to a different data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com