Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 551 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 551 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 547Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 548Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 549Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 550Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 551Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 552Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 553Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 555Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-47
Figure 13-26 and Figure 13-27 show relaxed timing read and write transactions. The effect of
CLKDIV = 2 for these examples is only to delay the assertion of LCSn in the ACS = 10 case to
the ACS = 11 case. The example in Figure 13-27 also shows address and data multiplexing on
LAD[0:31] for a pair of writes issued consecutively.
When TRLX and CSNT are set in a write access, the LWE[0:3] strobe signals are negated one
clock earlier than in the normal case, as shown in Figure 12-28 and Figure 12-29. If ACS
≠ 00,
LCSn is also negated one clock earlier.
Figure 13-28. GPCM Relaxed Timing Write (XACS = 0, ACS = 10, SCY = 0, CSNT = 1,
TRLX = 1, CLKDIV = 4 or 8)
LCLK
LAD
LALE
LCSn
LBCTL
Address
A
Latched Address
TA
LWEn
ACS = 10
Write Data
LOE
CSNT = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com