Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 566 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 566 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 570Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-62
Freescale Semiconductor
Local Bus Controller
Figure 13-51. SDRAM Bank-Staggered Auto-Refresh Timing
13.4.4 User-Programmable Machines (UPMs)
UPMs are flexible interfaces that connect to a wide range of memory devices. At the heart of each
UPM is an internal RAM array that specifies the logical value driven on the external memory
control signals1 (LCSn, LBS[0:3] and LGPL[0:5]) for a given clock cycle. Each word in the RAM
array provides bits that allow a memory access to be controlled with a resolution of up to one
quarter of the external bus clock period on the byte-select and chip-select lines. Figure 13-52
shows the basic operation of each UPM.
Figure 13-52. User-Programmable Machine Functional Block Diagram
1.If the LGPL4/LGTA/LUPWAIT/LPBSE signal is used as both an input and an output, a weak pullup is required.
Refer to the hardware specification for details regarding termination options.
1111
0000
1111
Z
ROW ADD
X
COL ADD
D0
Z
LCLK
LALE
LCS1
LCS2
LCS3
LCS4
LSDRAS
LSDCAS
LSDWE
LSDDQM[0:3]
LAD[0:31]
TA
Auto
Ref
Auto
Ref
Auto
Ref
Auto
Ref
Activate
LSDMR[RFCR]
Run Command
UPM Refresh
Timer Request
Array
Index
Generator
Internal / External
Memory Access Request
Exception Request
Index
Signals
Timing
Generator
Internal
Signals
Latch
Wait
Request
Logic
RAM Array
LUPWAIT
WAEN Bit
Internal Controls
LGPLn
Increment
Index
(LAST = 0)
Hold
(issued in software)
LBSn
LCSn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com