Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 589 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 589 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 585Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 586Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 587Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 588Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 589Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 590Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 593Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-85
Figure 13-69. Local Bus Peripheral Hierarchy
The multiplexed address/data bus sees the capacitive loading of the data pins of the fast SDRAMs
or synchronous SRAMs plus one load for an address latch plus one load for a buffer to the slow
memories. The loadings of all other memories and peripherals are hidden behind the buffer and
the latch. The system designer needs to investigate the loading scenario and ensure that I/O timings
can be met with the loading determined by the connected components.
13.5.1.3
Peripheral Hierarchy on the Local Bus for Very High Bus Speeds
To achieve the highest possible bus speeds on the local bus, it is recommended to reduce the
number of devices connected directly to the local bus even further. For those cases probably only
one bank of synchronous SRAMs or SDRAMs should be used and instead of using a separate latch
and a separate bus transceiver, a bus demultiplexer combining those two functions into one device
should be used. Figure 13-70 shows an example of such a hierarchy. This section is only a
guideline and the board designer must simulate the electric characteristics of his scenario to
determine the maximum operating frequency.
MA
Muxed Address/Data
Unmuxed Address
Buffered Data
LA[27:31]
LAD[0:31]
LALE
LBCTL
Local Bus Interface
Latch
Buffer
Slower
memories
and
peripherals
A
DQ
A
DQ
SDRAM
A
DQ
SSRAM
D
Q
LE
A
DIR
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com