Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 592 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 592 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 588Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 589Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 590Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 594Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 596Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-88
Freescale Semiconductor
Local Bus Controller
13.5.2.2
Read Data Phase After Address Phase
During the address phase, LAD actively drives the address and LBCTL is high, driving the bus
transceivers in the same direction as during a write. After the end of the address phase, LBCTL
goes low and changes the direction of the bus transceiver. The LBC places the LAD signals in high
impedance after its tdis(LB). The LBCTL will have its new state after ten(LB) and, because this is
an asynchronous input, the transceiver starts to drive those signals after its ten(transceiver) time.
The system designer has to ensure, that [ten(LB) + ten(transceiver)] is larger than tdis (LB) to avoid
bus contention.
13.5.2.3
Read-Modify-Write Cycle for Parity Protected Memory Banks
Principally, a read-modify-write cycle is a read cycle immediately followed by a write cycle.
Because the write cycle will have a new address phase in any case, this basically is the same case
as an address phase after a previous read.
13.5.2.4
UPM Cycles with Additional Address Phases
The flexibility of the UPM allows the user to insert additional address phases during read cycles
by changing the AMX field, therefore turning around the bus during one pattern. The LBC
automatically inserts a single bus turnaround cycle if the bus (LAD) was previously high
impedance for any reason, such as a read, before LALE is driven and LAD is driven with the new
address. The turnaround cycle is not inserted on a write, because the bus was already driven to
begin with.
However, bus contention could potentially still occur on the far side of a bus transceiver. It is the
responsibility of the designer of the UPM pattern to guarantee that enough idle cycles are inserted
in the UPM pattern to avoid this.
13.5.3 Interface to Different Port-Size Devices
The LBC supports 8-, 16-, and 32-bit data port sizes. However, the bus requires that the portion of
the data bus used for a transfer to or from a particular port size be fixed. A 32-bit port must reside
on D[0:31], a 16-bit port must reside on D[0:15], and an 8-bit port must reside on D[0:7]. The local
bus always tries to transfer the maximum amount of data on all bus cycles. Figure 13-73 shows
the device connections on the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com