Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 590 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 590 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 586Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 587Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 588Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 589Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 590Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 594Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-86
Freescale Semiconductor
Local Bus Controller
Figure 13-70. Local Bus Peripheral Hierarchy for Very High Bus Speeds
13.5.1.4
GPCM Timings
In case a system contains a memory hierarchy with high speed synchronous memories (SDRAM,
synchronous SRAM) and lower speed asynchronous memories (for example, FLASH EPROM
and peripherals) the GPCM-controlled memories should be decoupled by buffers to reduce
capacitive loading on the bus. Those buffers have to be taken into account for the timing
calculations.
Figure 13-71. GPCM Address Timings
To calculate address setup timing for a slower peripheral/memory device, several parameters have
to be added: propagation delay for the address latch, propagation delay for the buffer and the
address setup for the actual peripheral. Typical values for the two propagation delays are in the
order of 3–6 ns, so for a 166 MHz bus frequency, LCS should arrive on the order of 3 bus clocks
later.
MA
Muxed Address/Data
Unmuxed Address
Buffered Data
LA[27:31]
LAD[0:31]
LALE
LBCTL
Local Bus Interface
Latch
Slower
memories
and
peripherals
A
DQ
A
DQ
SDRAM
A/D
LE
DIR
Q
B
A
Muxed Address/Data
Unmuxed Address
Buffered Address
Slower
memories
and
peripherals
Device
input
A
pin
Buffer
Latch
LAD[0:31]
LALE
LBCTL
Local Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com