Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 594 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 594 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 590Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 594Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 598Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 594 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-90
Freescale Semiconductor
Local Bus Controller
13.5.4 Interfacing to SDRAM
The following subsections provide application information on interfacing to SDRAM.
13.5.4.1
Basic SDRAM Capabilities of the Local Bus
The LBC provides one SDRAM machine for the local bus. Although there is only one machine,
multiple chip selects (LCSn) can be programmed to support multiple SDRAM devices. Note that
no limitation exists on the number of chip selects that can be programmed for SDRAM. This
means that LCS[1:7] can be programmed to support SDRAM, assuming LCS0 is reserved for the
GPCM to connect to Flash memory.
If multiple chip selects are configured to support SDRAM on the local bus, each SDRAM device
should have the same port size and timing parameters. This means that all option registers (ORn)
for the SDRAM chip selects should be programmed exactly the same.
NOTE
Although in principle it is possible to mix different port sizes and
timing parameters, combinations are limited and this operation is not
recommended.
Half Word
000
OP0
OP1
—
—
OP0
OP1
OP0
001
—
OP1
OP2
—
—
OP1
OP1
010
—
—
OP2
OP3
OP2
OP3
OP2
100
OP4
OP5
—
—
OP4
OP5
OP4
101
—
OP5
OP6
—
—
OP5
OP5
110
—
—
OP6
OP7
OP6
OP7
OP6
Word
000
OP0
OP1
OP2
OP3
OP0
OP1
OP0
100
OP4
OP5
OP6
OP7
OP4
OP5
OP4
1 Address state is the calculated address for port size.
2 OPn: These lanes are read or written during that bus transaction. OP0 is the
most-significant byte of a word operand and OP3 is the least-significant byte.
3 — Denotes a byte not driven during that write cycle.
Table 13-33. Data Bus Requirements For Read Cycle (continued)
Transfer
Size
Address
State 1
A[29:31]
Port Size/Data Bus Assignments
32-Bit
16-Bit
8-Bit
0–7
8–15
16–23
24–31
0–7
8–15
0–7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com