Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 597 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 597 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 594Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 601Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-93
Figure 13-74. 128-Mbyte SDRAM Diagram
Table 13-35 shows details about LADn signal connections for the example in Figure 13-74.
Table 13-35. LADn Signal Connections to 128-Mbyte SDRAM
LAD (latch address)
SDRAM Address Pin
LAD29
A0
LAD28
A1
LAD27
A2
LAD26
A3
LAD25
A4
LAD24
A5
LAD23
A6
LAD22
A7
LAD21
A8
LAD20
A9
LAD19 (no connect)
A10 is connected to LSDA10
DATA[0:7]
DATA[24:31]
LCSn
LSDWE
LAD[0:31]
LSDRAS
LALE
LCLK
LCKE
LSDCAS
Latch
DQM0
DQM3
LSDDQM[0:3]
Local Bus Interface
CAS
32M x 8
CS
RAS
WE
BA[1:0]
DQM
CKE
CLK
ADDR[12:0]
SDRAM
DQ[0:7]
CAS
32M x 8
CS
RAS
WE
BA[1:0]
DQM
CKE
CLK
ADDR[12:0]
SDRAM
DQ[0:7]
x4
• • •
LSDA10
A10
A10
• • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com