Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 601 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 601 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-97
13.5.4.3.6 Power-Down Mode
SDRAMs offer a power-down mode during which the device is not refreshed, and therefore, data
is not maintained. This mode is invoked by driving CKE low, while all internal banks are idle; note
that they must be precharged first. Figure 13-75 shows the timing. Note that the figure does not
show the precharge-all command that is issued by the LBC automatically prior to the self-refresh
command.
Figure 13-75. SDRAM Power-Down Timing
CKE remains low, as long as the device is powered down. After CKE transitions to high, the
SDRAM exits the power-down mode.
13.5.4.3.7 Self-Refresh
In order to be able to stop activity on the local bus (for power save or debug), while the content of
the SDRAM is maintained, the self-refresh mode is supported. This mode is invoked by issuing a
PSDMR
RFEN
1
OP
000
BSMA
011
RFRC
From device data sheet
PRETOACT
From device data sheet
ACTTOROW
From device data sheet
BL
0
WRC
From device data sheet
BUFCMD
0
CL
From device data sheet
Table 13-43. Register Settings for 512-Mbyte SDRAMs (continued)
Register
Field
Value
COMMAND
CKE
NOP
NOP
NOP
Supplier specific
minimum time
New command
accepted here
All banks idle
Cannot violate minimum
refresh specification
(As defined by
S, RE, CE, W,
& ADDR)
Clock low-to-high transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com