Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 602 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 602 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 606Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-98
Freescale Semiconductor
Local Bus Controller
self-refresh command to the SDRAM. The LBC applies the same timing as for the auto refresh,
but also pulls the SDRAM CKE (LCKE) signal low in the same cycle. This can only be done with
all banks being idle; the SDRAM machine must precharge them ahead of this. As long as CKE
stays low, the device refreshes itself and does not need to see any refreshes from the local bus. To
exit self refresh, CKE simply has to be pulled high. Note that after returning from self-refresh
mode the SDRAM needs a supplier-specific time before it can accept new commands and the
auto-refresh mechanism has to be started again. Figure 13-76 shows this timing. The SDRAM
controller always uses 200 local bus clocks, which should satisfy any SDRAM requirements. As
in the case of the power-down mode, the figure does not show the precharge-all command that is
issued by the LBC automatically prior to the self-refresh command.
Refer to Section 13.4.3.3, “Intel PC133 and JEDEC-Standard SDRAM Interface Commands,” for
SDRAM interface commands and information on the self-refresh command.
t
Figure 13-76. SDRAM Self-Refresh Mode Timing
EXTERNAL CK
CKE
S
RE
CE
W
An
Supplier-specific
minimum time
New command
can occur here
Self-refresh exit
Self-refresh entry
All banks idle
NOP
Stable clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com