Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 605 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 605 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 609Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-101
13.5.4.4
Parity Support for SDRAM
Contrary to older DRAM technologies, SDRAM devices typically are organized either x4, x8, x16
or x32. There are no mainstream devices that include parity support. To allow for error protection
on the local bus an additional SDRAM for the 4 parity bits must be used. Since the local bus allows
for SDRAM accesses with less than the full port size, read-modify-write cycles are supported for
SDRAM write cycles.
Figure 13-78 shows a connection diagram.
Figure 13-78. Parity Support for SDRAM
13.5.5 Interfacing to ZBT SRAM
In many applications, SDRAM provides sufficient performance for the local bus. However,
especially in networking applications, memory access patterns are often random and SDRAM is
not optimized for that case. ZBT SRAMs have been designed to optimize the performance in
networking applications. This section describes how to interface to ZBT SRAMs. Figure 13-79
• • •
×4
DP[0:3]
• • •
DATA[0:7]
DATA[24:31]
LCSn
LSDWE
LAD[0:31]
LSDRAS
LALE
LCLK
LCKE
LSDCAS
Latch
DQM0
DQM3
LSDDQM[0:3]
Local Bus Interface
CAS
32M
× 8
CS
RAS
WE
BA[1:0]
DQM
CKE
CLK
ADDR[12:0]
SDRAM
DQ[0:7]
LSDA10
A10
CAS
32M
× 4
CS
RAS
WE
BA[1:0]
DQM
CKE
CLK
ADDR[12:0]
SDRAM
DQ[0:3]
A10
CAS
32M
× 8
CS
RAS
WE
BA[1:0]
DQM
CKE
CLK
ADDR[12:0]
SDRAM
DQ[0:7]
A10
LDP[0:3]
LPBSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com