Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 607 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 607 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-103
The UPM also supports single beat accesses. Because the ZBT SRAM does not support this and
always responds with a burst, the UPM pattern has to take care that data for the critical beat is
provided (for write) or sampled (for read), and that the rest of the burst is ignored (by negating
WE). The UPM controller basically has to wait for the end of the SRAM burst to avoid bus
contention with further bus activities.
ZBT SRAMs have a power down mode, which is invoked by the ZZ pin. Connecting a GPIO pin
to ZZ allows use of that power down mode; however accesses to the SRAM while in power down
mode do not create valid results. This should be taken care of by the system software.
Another observation is that SRAMs are available with natural parity. In the example, we use a
×18
SRAM, which holds two data bytes and two parity bits. While for the support of parity on SDRAM
banks the local bus has to use read-modify-write cycles and compromise performance, SRAM
banks can be used with natural parity and do not compromise performance for parity support.
13.5.6 Interfacing to DSP Host Ports
In many applications, an integrated communications processor aggregates traffic for DSPs and
distributes that traffic to the DSPs. The local bus allows connection to a variety of different DSP
host ports and this section gives some information on how to interface to some example DSPs.
13.5.6.1
Interfacing to MSC8101 HDI16
This section describes how to interface to the HDI16 peripheral interface of the MSC8101. After
initial set-up of the interface, the host and HDI16 device can communicate either by a read and
write transaction from the core or, if the setup on the DSP and the host are implemented
appropriately, by DMA transfers of the host DMA controller, which can be triggered automatically
by signals generated by the HDI16 peripheral.
13.5.6.1.1 HDI16 Peripherals
The host interface (HDI16) is a 16-bit-wide, full-duplex, double-buffered parallel port that can
directly connect to the data bus of a host processor. It supports a variety of buses and gluelessly
connects with a number of industry-standard microcomputers, microprocessors, and DSPs. The
HDI16 also supports the 8-bit host data bus, which makes it fully compatible with the DSP56300
HI08 (as viewed by the host side, not from the DSP side).
The host bus can operate asynchronously to the SC140 core clock, and the HDI16 registers are
divided into two banks. The host register bank is accessible to the external host, and the core
register bank is accessible to the SC140 core.
The MSC8101HDI16 host port peripheral has two sets of 16-bit-wide registers—one set is only
visible internally to the DSP, while the other set is visible only to the external host processor.
Figure 13-81 illustrates the relationship between the two sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com