Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 611 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 611 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 615Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-107
access to the interface for all 16 transactions within that burst. By using the addressing as defined,
if the first access is at 0x20, the last will be at 0x3e but, more importantly, the four host Tx/Rx
registers will have been looped around four times.
13.5.6.1.4 Host 60x Bus: HDI16 Peripheral Interface Hardware Timings
The host UPM–controlled local bus and the HDI16 MSC8101’s HDI16 host interface are both
programmable. Careful programming of the host chip select registers and UPM can meet the
HDI16 MSC8101 host port timings.
On any bus access the critical timing for both read and write is typically around the data latch
point. For the UPM based read access, the host has the flexibility to latch data on a rising or falling
LCLK edge. The falling LCLK edge is used here to latch the HDI16 data into the host MSC8101
at its earliest convenience.
After the data is latched, appropriate HDI16 port data hold time is ensured before the data strobe
(DS) and chip select (CS1) are negated.
On a UPM write cycle, the critical action is in enveloping the DS assertion with CS asserted to
ensure proper write data hold time after latching by the HDI16 host port.
Special attention needs to be given to both the host read and write access strobe (DS) negation
times (HDS assert).
The HDI16 MSC8101 specifies some restrictions for consecutive register access, which results in
a hold off negation time for the read and write access strobes.
Rather than restrict the firmware to avoid consecutive bus accesses to host port registers, the
negation hold off times should be accommodated in the UPM hardware interface settings.
Additional clocks must be built into the end of UPM based cycle giving appropriate time before
the next bus cycle starts.
The timings can be readily adapted to allow external decode logic to be added to support chip
selects for a larger number of DSP HDI16 host ports.
13.5.6.2
Interfacing to MSC8102 DSI
The MSC8102 direct-slave interface (DSI) gives an external host direct access to the MSC8102.
It provides the following slave interfaces to an external host:
•
Asynchronous SRAM-like interface giving the host single accesses (with no external
clock).
•
Synchronous SSRAM-like interface giving the host single or burst accesses of 256 bits
(eight beats of 32 bits or four beats of 64 bits) with its external clock decoupled from the
MSC8102 internal bus clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com